Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download AN18202A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 publication date: may 2007 sdc00069aeb data sheet AN18202A part no. package code no. lqfp048-p-0707a
AN18202A 2 sdc00069aeb contents ? overview ????.????????????????????????????????????. 3 ? features ?????????????...???????????????????????????. 3 ? applications ???????????????????????????????????????. 3 ? package ?????????????...???????????????????????????. 3 ? type ???.??.????????????????????????????????????? 3 ? block diagram ?.??????...?????????????????????????????? 4 ? application circuit example ?...??????????????????????????????? 5 ? pin descriptions ???????..??????????????????????????????. 6 ? absolute maximum ratings ????????..?????..??????????......??????? 8 ? operating supply voltage range ????????????????..??????????????. 8
AN18202A 3 sdc00069aeb AN18202A audio video sw for tv with multi-signal input output ? overview AN18202A is all-in-one ic for a radio of home-audio use. as for fm portion, fm mix to fm mpx are integrated. as for am portion, am-rf to am detector are integrated. fm/am pll synthesizer with pre-s cale function is also integrated. therefore, AN18202A can achieve the most function of radio. ? features y am rf + mix + l-osc, fm mix + l-osc, fm/am if + det, fm-mpx, pll y i 2 c-bus control y 19 khz pilot cancel + anti-birdy noise function y fm detector coil less y separation adjustment free ? applications y for tuner, radio ? package y 4-direction 48-pin plastic package (qfp type) ? type y silicon monolithic bipolar ic
AN18202A 4 sdc00069aeb ? block diagram v cc (fm losc) fm losc 1 fm losc 2 rf-gnd am losc v cc (logic) gnd (logic) cpout v cc (cp) tuned/test sda st ind scl vdd selector l out r out l deemp r deemp xosc 1 mpx ref pass fm mpx in fm/am det zap am af in pd mpxvco pd st ind pcandet smeter v cc fm smadj gnd fm detpass 1 fm detpass 2 fm 2if in fm 2if ref fmnul/vco am sm/fmafc am-agc fm 1if out am if in fm 1if in am mix rf-v cc fm mixout1 fm mixin1 fm mixin2 am rfin am rf bias fm/am selector am- det fm quaddet afc am agc am s-meter qsin pd cp p-div fm s-meter fm mix2 fm if-amp3 fm if-amp4 fm if-amp2 1 2 3 4 5 6 7 8 9 10 11 12 27 29 30 31 33 34 35 26 25 28 32 36 24 37 39 42 43 44 45 46 40 41 38 47 48 19 20 15 16 17 18 21 23 22 14 fm if-amp1 lpf vco pd div pcan lamp pd sdet am/fmsw matrix sep_adj xtal if counter amp mute amp mute r-div am-osc osc am-rf fm-mix am/fm sd/ifc am-mix 13 i 2 c-i/f buff agc am if-amp
AN18202A 5 sdc00069aeb ? application circuit example fm/am selector am- det fm quaddet afc am agc am s-meter qsin pd cp p-div fm s-meter fm mix2 fm if-amp3 fm if-amp4 fm if-amp2 1 2 3 4 5 6 7 8 9 10 11 12 27 29 30 31 33 34 35 26 25 28 32 36 24 37 39 42 43 44 45 46 40 41 38 47 48 19 20 15 16 17 18 21 23 22 14 fm if-amp1 lpf vco pd div pcan lamp pd sdet am/fmsw matrix sep_adj xtal if counter amp mute amp mute r-div am-osc osc am-rf fm-mix am/fm sd/ifc am-mix 13 i 2 c-i/f buff agc 5pf 12 pf 27 pf 47 pf svc220 2.2 k gnd12 4.7 k 100 pf 5.6 k 12 k 0.27 f v cc2 (8 v 11v) 0.1 f 100 f scl sda d0(sd) st microcomputer v dd sw open : 3v gnd : 5 v r-ch. out l-ch. out 3.3 f 0.022 f 0.022 f 3.3 f 0.015 f 0.015 f 8 pf xtal 0.1 f fm-det/am afout fm afin 0.1 f 120 pf 12 k 6 800 pf 0.022 f 30 k rds out zap am afin 0.1 f 22 k 0.1 f 1 f 1 f 0.022 f fm-s.meter 30 k 30 k det adj vcc11 fm vsm adj 100 k gnd11 0.1 f 0.1 f 0.022 f sfe107ms3 0.1 f 1 f 450 khz-cf am-ift 12 k 470 330 sfe107ms2 vcc12 1 000 pf 47 pf 0.1 f 1 000 pf am ant-in 3.3 h 0.1 f 10 100 k am-osc- coil svc347 am-ant- coil 0.1 f 0.01 f fm ant-in 1 f fm rf v cc1 (9 v) 0.1 f 100 f 0.1 f d-vcc am if-amp am-s.meter/afc
AN18202A 6 sdc00069aeb ? pin descriptions v cc input v cc 30 fm signal meter adjustment input/output fm smadj 31 gnd input gnd 32 v cc for fm local oscillator input v cc (fm losc) 1 fm local oscillator load 1 input fm losc 1 2 fm local oscillator load 2 output fm losc 2 3 rf-gnd input rf-gnd 4 am local oscillator load input/output am losc 5 logic-v cc input v cc (logic) 6 logic-gnd input gnd (logic) 7 charge pump output output cpout 8 charge pump-v cc input v cc (cp) 9 tuned / test monitor output output tuned/test 10 stereo indicator output st ind 11 serial data inout (sda) input/output sda 12 serial clock input (scl) input scl 13 v dd selector input vdd selector 14 l-ch. amp output (zo = about 200 ) output l out 15 r-ch. amp output (zo = about 200 ) output r out 16 l-ch. de-emphasis (external capacitor 0.015 f = 50 s) output l deemp 17 r-ch. de-emphasis (e xternal capacitor 0.015 f = 50 s) output r deemp 18 crystal oscillator input xosc 1 19 mpx reference bypass input/output mpx ref pass 20 fm mpx input input fm mpx in 21 fm/am detector output output fm/am det 22 am af input input am af in 23 zap (must be open) input zap 24 phase detector for mpx-vco input/output pd mpxvco 25 phase detector for st ind input/output pd st ind 26 level detector for mpx pilot canceller input/output pcandet 27 fm signal meter input/output smeter 28 mpx-vco frequency adjustment/fm detector adjustment input/output fmnul/vco 29 description type pin name pin no.
AN18202A 7 sdc00069aeb ? pin descriptions (continued) fm 2nd if reference voltage input/output fm 2if ref 36 am signal meter / fm-afc input/output am sm/fmafc 37 am-agc level detector input/output am-agc 38 am if amp input input am if in 39 fm 1st if amp output output fm 1st if out 40 am mix output output am mix 41 fm 1st if amp input input fm 1if in 42 rf-v cc input rf-v cc 43 fm mix output 1 output fm mixout1 44 fm mix input 1 input fm mixin1 45 fm mix input 2 input fm mixin2 46 am rf input input am rfin 47 am rf bias input/output am rf bias 48 fm detector bypass 1 input/output fm detpass 1 33 fm detector bypass 2 input/output fm detpass 2 34 fm 2nd if amp input input fm 2if in 35 description type pin name pin no.
AN18202A 8 sdc00069aeb ? absolute maximum ratings 10.1 v cc1 11.1 v cc2 ? ma 62 i cc supply current 2 note unit rating symbol parameter a no. *3 c ? 55 to + 150 t stg storage temperature 5 *3 c ? 20 to + 85 t opr operating ambient temperature 4 *2 mw 294 p d power dissipation 3 *1 v supply voltage 1 8.0 to 10.0 v cc1 * v 8.0 to 11.0 v cc2 supply voltage range note unit range symbol parameter ? operating supply voltage range note) *1: the values are under the condition not exceeding the above absolute maximum ratings and the power dissipation. *2: the power dissipation is the value of a discrete ic package without a heat sink at t a = 85 c. *3: except for the power dissipation, operating ambient temperature, and storage temperature, all ratings are at t a = 25 c. note) *: the values are under the condition not exceeding the above absolute maximum ratings and the power dissipation.
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd.


▲Up To Search▲   

 
Price & Availability of AN18202A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X